Part Number Hot Search : 
800150MA D1411 2SB511 1PMT5310 DS2050W 6742H CCDM1 C221A
Product Description
Full Text Search
 

To Download 516-A00060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  customer's name specification no. ref.ce-p676 03/10 specifications sheet for approval p r o d u c t n a m e l250-lens30 p a r t s n o . 516-A00060 page no. page item drawing no. 1 drawing al2-032-03 2 packing specification 3 physical properties approval signature citizen electronics co.,ltd 1-23-1,kami-kurechi,fujiyoshida-shi, yamanashi-ken 403-0001,japan tel (0555)23-4121 fax (0555)24-2426 sales department approved checked drawn gqp-0013-f03-3 (sgp-0013-f05-0)
symbol name drawin no. date part no. citizen electronics co.,ltd general tolerances dimensions angles drawn checked / scale unit mm mark date description appro. 1 6 2 3 5 4 (rqp-0302-f10-0,uqp-u302-f04-0) this drawing is the property of citizen electronics co.,ltd. and should not be disclosed to any third party without prior permission of citizen electroni cs co.,ltd. ? no.gqp-0302-f04-1 alternation approved 26.08 1 13.8 2009.07.14 2 1 l250-lens30 lens 10.44 2.3 4 3 . 7 8 4 . 4 5 lQ6 0.05 0.1 0.2 0.3 6lQ18 0.08 0.2 0.3 0.5 18lQ50 0.1 0.3 0.5 1.0 50lQ120 0.18 0.45 0.8 1.5 120lQ400 0.28 0.7 1.2 2.0 angle limits unless otherwise note 1 09.12.03 full-fledged revision refer leftward table k.matsuyama 1 this drawing for citizen electronics co., ltd. : cl-l250 series only 2 material: pc 3 the angle r without directions is set to 0.2. 4 no scratches, stain, etc allowes. 6 dimension is based on as follows. remarks 516-A00060 al2-032-03 29 0.5 3 . 2 0 . 8 6 0 3 0 . 2 m a x 2.5 max (gate) gate k.sasuga k.funakubo 1 10.01.13 adjustment of fit 1 ref.ce-p676 03/10
symbol name drawin no. date part no. citizen electronics co.,ltd general tolerances dimensions angles drawn checked / scale unit mm mark date description appro. 1 2 7 3 4 6 5 (rqp-0302-f10-0,uqp-u302-f04-0) this drawing is the property of citizen electronics co.,ltd. and should not be disclosed to any third party without prior permission of citizen electroni cs co.,ltd. ? no.gqp-0302-f04-1 alternation approved 100pcs./tray lens tray bag cardboard max1000pcs./bag stack 10 tray (max) + empty tray as top cover arbitr ary size k.matsuyama k.sasuga k.funakubo free l250-lens30 packing specification 2010/01/13 cardboard label label part name part no. lot no. quantity date qc citizen electronics co., ltd. l250-lens30 516-A00060 ref.ce-p676 03/10
property property property property test method test method test method test method condition condition condition condition unit unit unit unit optical optical optical optical light transmission astm d 1003 3mm % 88 reflective index astm d 542 - - 1.585 mechanical mechanical mechanical mechanical tensile modulus 1mm/min mpa 2400 tensile strength at yield 50mm/min mpa 62 tensile strain at yield 50mm/min % 6 nominal tensile strain at break 50mm/min % >50 flexual modulus iso 178 2mm/min mpa 2400 flexual strength iso 178 2mm/min mpa 94 iso 179 unnoched kj/m 2 nb iso 179 noched kj/m 2 58 rockwell hardness iso 2039-2 m scale - 77 thermal thermal thermal thermal 1.8mpa 125 0.45mpa 138 vicat softening point iso 306 50/h 50n 142 melt volume flow rate iso 1133 300 load 1.2kg cm 3 /10min 24 parallel x10 -4 /k 0.7 vertical x10 -4 /k 0.7 electrical electrical electrical electrical surface resistivity iec 60093 - >10 15 volume resistivity iec 60093 - m >10 13 withstand voltage iec 60243-1 short time test mv/m 30 100hz - 3.1 1mhz - 3 100hz x10 -4 10 1mhz x10 -4 90 tracking resistance iec 60112 - - 225 other other other other density iso 1183 - kg/m 3 1200 water absorption at 23 iso 62 in water 24h % 0.2 flammability ul94 - class hb physical properties physical properties physical properties physical properties iso 527-1 and iso 527-2 charpy impact strengthheat deflection temperature iso 75-1 and iso 75-2 dielectric loss tangent iec 60250 *values reported are typical and should not be used for specification purpose. coefficient of linear expansion iso 11359-2 specific inductive capacity iec 60250 ref.ce-p676 03/10


▲Up To Search▲   

 
Price & Availability of 516-A00060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X